Part Number Hot Search : 
KAQY210 TLP62 AD977 1J101M ICE2000 AN7586 GF10N SN67010
Product Description
Full Text Search
 

To Download ECQU2A102MV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  plastic film capacitors design, specifications are subject to change without notice. ask factory for technical specifications before purchase and/or use. whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail. class y2 (0.001 to 0.0068 f) reg.no. 9642002/01-02 ref.no. 304897 ref.no. p96102878 reg.no. 192438-01 ... 02 file no. 4811. 6-4670-8102 ref.no. 95, 7 71017, 03 class x2 (0.001 to 1.0 f) reg.no. 9642002/01-02 ref.no. 304897 ref.no. p96102878 reg.no. 192438-01 ... 02 file no. 4811. 6-4670-8101 ref.no. 95, 7 71017, 02 iec 60384-14, 1993 en 132400 semko demko nemko fimko vde sev file no. e79502 file no. lr35752 file no. e62674 across-the-line capacitors antenna-coupling and line-by-pass components electromagnetic interference filters across-the-line , antenna-isolation and line-by-pass capacitor ul 1283 csa c22.2 no.0, no.1 ul 1414 csa ul withstand voltage c < = 0.0068 f : 1500vac, 2121vdc 60s between terminals : c > 0.0068 f : 1000vac, 1768vdc 60s between terminals to enclosure : 2000 vac 60s category temp. range rated voltage capacitance range capacitance tolerance dissipation factor insulation resistance 40 to + 85 ?c 250vac (ul1414 : 125vac) 0.001 to 1.0 f(e12) 10%(k), 20%(m) 1.0%max.(20?c, 1khz) c < = 0.33 f : 15000m min. c > 0.33 f : 5000m . f min. (20?c 100 vdc 60s) 2000m min. (20?c 500vdc 60s) interference suppression capacitor metallized polyester type: ecquv [class x2] in accordance with ul/csa and european safety regulations class x2 features compact overvoltage stress withstanding recommended applications interference suppressors explanation of part numbers 1234567891011 e c q u 2 a product code dielectric & construction rated voltage capacitance v cap. tol. suffix applicable standard & approval number k 10% m 20% flame-retardant plastic case and non-combustible resin when applying this capacitor to european and american safety standards, please use type designation and rating such as ecquv, 0.1 f. specifications . discontinue d
plastic film capacitors design, specifications are subject to change without notice. ask factory for technical specifications before purchase and/or use . whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail. dimensions (mm) l 0.5 t 0.5 h 0.5 f ? dpq cap. (f) part no. ecqu2a102 m v ecqu2a122 m v ecqu2a152 m v ecqu2a182 m v ecqu2a222 m v ecqu2a272 m v ecqu2a332 m v ecqu2a392 m v ecqu2a472 m v ecqu2a562 m v ecqu2a682 m v ecqu2a822 m v ecqu2a103 m v ecqu2a123 m v ecqu2a153 m v ecqu2a183 m v ecqu2a223 m v ecqu2a273 m v ecqu2a333 m v ecqu2a393 m v ecqu2a473 m v ecqu2a563 m v ecqu2a683 m v ecqu2a823 m v ecqu2a104 m v ecqu2a124 m v ecqu2a154 m v ecqu2a184 m v ecqu2a224 m v ecqu2a274 m v ecqu2a334 m v ecqu2a394 m v ecqu2a474 m v ecqu2a564 m v ecqu2a684 m v ecqu2a824 m v ecqu2a105 m v 0.001 17.5 4.0 10.5 15.0 0.60 0 0.5 1.3 0.0012 17.5 4.0 10.5 15.0 0.60 0 0.5 1.3 0.0015 17.5 4.0 10.5 15.0 0.60 0 0.5 1.3 0.0018 17.5 4.0 10.5 15.0 0.60 0 0.5 1.3 0.0022 17.5 4.0 10.5 15.0 0.60 0 0.5 1.3 0.0027 17.5 4.0 10.5 15.0 0.60 0 0.5 1.3 0.0033 17.5 4.0 10.5 15.0 0.60 0 0.5 1.3 0.0039 17.5 4.0 10.5 15.0 0.60 0 0.5 1.3 0.0047 17.5 4.0 10.5 15.0 0.60 0 0.5 1.3 0.0056 17.5 4.0 10.5 15.0 0.60 0 0.5 1.3 0.0068 17.5 4.0 10.5 15.0 0.60 0 0.5 1.3 0.0082 17.5 4.0 10.5 15.0 0.60 0 0.5 1.3 0.01 17.5 4.0 10.5 15.0 0.60 0 0.5 1.3 0.012 17.5 4.0 10.5 15.0 0.60 0 0.5 1.3 0.015 17.5 4.0 10.5 15.0 0.60 0 0.5 1.3 0.018 17.5 4.5 10.5 15.0 0.60 0 0.5 1.3 0.022 17.5 4.5 10.5 15.0 0.60 0 0.5 1.3 0.027 17.5 4.5 13.0 15.0 0.60 0 0.5 1.3 0.033 17.5 4.5 13.0 15.0 0.60 0 0.5 1.3 0.039 17.5 5.5 12.5 15.0 0.60 0 0.5 1.3 0.047 17.5 5.5 12.5 15.0 0.60 0 0.5 1.3 0.056 17.5 7.0 14.0 15.0 0.60 0 0.5 1.3 0.068 17.5 7.0 14.0 15.0 0.60 0 0.5 1.3 0.082 17.5 8.0 15.0 15.0 0.60 0 0.5 1.3 0.1 17.5 8.0 15.0 15.0 0.80 0 0.5 1.3 0.12 25.5 6.5 16.5 22.5 0.80 0 0.5 1.5 0.15 25.5 6.5 16.5 22.5 0.80 0 0.5 1.5 0.18 25.5 8.5 17.0 22.5 0.80 0 0.5 1.5 0.22 25.5 8.5 17.0 22.5 0.80 0 0.5 1.5 0.27 30.5 10.0 18.0 27.5 0.80 0 0.75 1.5 0.33 30.5 10.0 18.0 27.5 0.80 0 0.75 1.5 0.39 30.5 12.0 20.0 27.5 0.80 0 0.75 1.5 0.47 30.5 12.0 20.0 27.5 0.80 0 0.75 1.5 0.56 30.5 13.5 23.5 27.5 0.80 0 0.75 1.5 0.68 30.5 13.5 23.5 27.5 0.80 0 0.75 1.5 0.82 30.5 16.5 26.5 27.5 0.80 0 0.75 1.5 1.0 30.5 16.5 26.5 27.5 0.80 0 0.75 1.5 cap. tol.code (k, m) n dimensions in mm (not to scale) l h 20min. f 0.4 type 1 type 2 t t d 0.05 d 0.05 case : either type 1 or type 2 solder-plated copper-clad steel wire q ( tolerance of the lead exit point ) a c b style a side b side c side 2 0.0082 to 0.047 f 3 0.056 to 0.22 f 4 0.27 to 1.0 f 1 0.001 to0.0068 f .056 f k ll2 date code note:only 10% as cap.tol. to be marked as ? markong example 40/085/21 ecq-uv ecq-uv 250v~ x2 .27 f k 250v~ x2 .001 f k .01 f k ll2 v de 132400 gpf mkt ll2 v de 132400 gpf mkt gpf mkt v de 132400 (250v/ul 1283) (125v/ul 1414) 40/085/21 (250v/ul 1283) (125v/ul 1414) ecq-uv 40/085/21 (250v/ul 1283) (125v/ul 1414) ecq-uv 40/085/21 (250v/ul 1283) (125v/ul 1414) 250v~x2 ll2 v de 132400 gpf mkt 250v~x2 n rating & dimensions + 1.4 C 0.6 discontinue d


▲Up To Search▲   

 
Price & Availability of ECQU2A102MV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X